Part Number Hot Search : 
C2331 TN8052AH TA8182 S3101 PM4319 27000 MS27340 ST110018
Product Description
Full Text Search
 

To Download MMZ2012XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/4) 002-03 / 20040206 / e9412_mmz2012.fm
EMC Components
Ferrite Beads SMD
FEATURES * Chip bead(impeder), MMZ series offers 4 construction materials. * Size standardized for use by automatic assembly equipment. No preferred orientation. * Either flow or reflow soldering methods can be used due to electroplating of the terminal electrodes. * High reliability due to an entirely monolithic structure. * Closed magnetic circuit structure allows high-density installation while preventing crosstalk between circuits. * Low DC resistance structure of electrode prevents wasteful electric power consumption. * The products contain no lead and also support lead-free soldering. APPLICATIONS PCs, CRTs, liquid crystal display panels, printers, hard disk drives, game machines, cellular phones, etc. PRODUCT IDENTIFICATION MMZ 2012 R 121 A T (1) (2) (3) (4) (5) (6) (1) Series name (2) Dimensions LxW (3) Material code (4) Nominal impedance 121:120 at 100MHz (5) Characteristic type (6) Packaging style T:Taping
MMZ Series MMZ2012 Type
Size: JIS/IEC 2012, EIA 0805
MATERIAL CHARACTERISTICS R material: For wide frequency applications calling for broad impedance characteristics. For digital signal line applications calling requiring good waveform integrity. Impedance values selected for effectiveness at 10 to 200MHz. S material: Standard type that features impedance characteristics similar to those of a typical ferrite core. For signal line applications in which the blocking region is near 100MHz. Impedance values selected for effectiveness at 40 to 300MHz. Y material: High frequency range type intended for the 100MHz region and above. For signal line applications in which the signal frequency is far from the cutoff frequency. Impedance values selected for effectiveness at 80 to 400MHz. D material: For applications calling for low insertion loss at low frequencies and sharply increasing impedance at high frequencies. Designed for high impedance at high frequencies (200 to 500MHz) for signal line applications. TYPICAL MATERIAL CHARACTERISTICS
10000
1000 S Impedance () R 100
B
10
Y
D
w
1
w
1
10
100 Frequency (MHz)
1000
w
.D
at aS
he
et 4U .c
* All specifications are subject to change without notice.
om
www..com
(2/4) 002-03 / 20040206 / e9412_mmz2012.fm
EMC Components
Ferrite Beads SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
2+0.3, -0.1
1.250.2
MMZ Series MMZ2012 Type
Size: JIS/IEC 2012, EIA 0805
ELECTRICAL CHARACTERISTICS
Part No. MMZ2012R150A MMZ2012R300A MMZ2012R600A MMZ2012R121A MMZ2012R301A MMZ2012R601A MMZ2012R102A MMZ2012S400A MMZ2012S800A MMZ2012S121A MMZ2012S181A MMZ2012S301A MMZ2012S601A MMZ2012S102A MMZ2012Y150B MMZ2012Y300B MMZ2012Y600B MMZ2012Y121B MMZ2012Y301B MMZ2012Y601B MMZ2012Y102B MMZ2012Y152B MMZ2012Y202B MMZ2012D800B MMZ2012D121B MMZ2012D301B Impedance ()25% [100MHz] 15 30 60 120 300 600 1000 40 80 120 180 300 600 1000 15 30 60 120 300 600 1000 1500 2000 80 120 300 DC resistance ()max. 0.05 0.05 0.1 0.12 0.15 0.2 0.3 0.1 0.1 0.15 0.15 0.2 0.3 0.35 0.05 0.05 0.1 0.12 0.15 0.2 0.3 0.4 0.5 0.3 0.3 0.5 Rated current (mA)max. 1500 1500 1000 800 600 500 500 1000 800 800 600 600 500 500 1500 1500 1000 800 600 500 500 500 400 500 500 400
0.50.3 0.850.2
1.3
1
1.3 Weight: 10mg Dimensions in mm
TEMPERATURE RANGES
Operating/storage -55 to +125C
PACKAGING STYLE AND QUANTITIES
Packaging style Taping Quantity 4000 pieces/reel
TYPICAL ELECTRICAL CHARACTERISTICS Z, X, R vs. FREQUENCY CHARACTERISTICS MMZ2012R150A MMZ2012R300A
120 100
Impedance()
1.2
MMZ2012R600A
120 100
Impedance()
120 100
Impedance()
80 60 40 20 0 1 10
Z R X
80 60 40
Z
80 60
Z
40 20
R X
20 10000 0 1 10
R X
100 1000 Frequency (MHz)
100 1000 Frequency (MHz)
10000
0
1
10
100 1000 Frequency (MHz)
10000
MMZ2012R121A
500 400
Impedance()
MMZ2012R301A
500 400
Impedance()
MMZ2012R601A
1000 900 800 700 600 500 400 300 200 100 0 1 10
300 200 100 0
Z
300 200 100
Z R X
Impedance()
Z R X
R
X
1
10
100 1000 Frequency (MHz)
10000
0
1
10
100 1000 Frequency (MHz)
10000
100 1000 Frequency (MHz)
10000
* All specifications are subject to change without notice.
(3/4) 002-03 / 20040206 / e9412_mmz2012.fm
EMC Components
Ferrite Beads SMD
TYPICAL ELECTRICAL CHARACTERISTICS Z, X, R vs. FREQUENCY CHARACTERISTICS MMZ2012R102A MMZ2012S400A
1600 1400
Impedance() Impedance()
MMZ Series MMZ2012 Type
Size: JIS/IEC 2012, EIA 0805
MMZ2012S800A
300 250
Impedance()
300 250 200 150 100 50 10000 0 1 10
Z R X
1200 1000 800 600 400 200 0 1 10 100 1000 Frequency (MHz)
Z R X
200 150 100 50
Z R X
100 1000 Frequency (MHz)
10000
0
1
10
100 1000 Frequency (MHz)
10000
MMZ2012S121A
300 250
Impedance()
MMZ2012S181A
1000 900 800 700 600 500 400 300 200 100 0 1 10
MMZ2012S301A
1000 900 800 700 600 500 400 300 200 100 0 1 10
Impedance()
200 150 100 50 0 1 10
Z R X
Impedance()
Z R X
Z R X
100 1000 Frequency (MHz)
10000
100 1000 Frequency (MHz)
10000
100 1000 Frequency (MHz)
10000
MMZ2012S601A
1000 900 800 700 600 500 400 300 200 100 0 1 10
MMZ2012S102A
1600 1400
Impedance()
MMZ2012Y150B
120 100
Impedance()
Impedance()
1200 1000 800 600 400
X Z R
80 60 40 20
Z R X
Z R
X
200 10000 0 1 10 100 1000 Frequency (MHz) 10000
100 1000 Frequency (MHz)
0
1
10
100 1000 Frequency (MHz)
10000
MMZ2012Y300B
120 100
Impedance()
MMZ2012Y600B
120 100
Impedance()
MMZ2012Y121B
800 700
Impedance()
600 500 400 300 200 100
Z R X
80 60 40
Z
80 60 40 20
Z R X
20
R
0
X
1
10
100 1000 Frequency (MHz)
10000
0
1
10
100 1000 Frequency (MHz)
10000
0
1
10
100 1000 Frequency (MHz)
10000
* All specifications are subject to change without notice.
(4/4) 002-03 / 20040206 / e9412_mmz2012.fm
EMC Components
Ferrite Beads SMD
TYPICAL ELECTRICAL CHARACTERISTICS Z, X, R vs. FREQUENCY CHARACTERISTICS MMZ2012Y301B MMZ2012Y601B
800 700
Impedance() Impedance()
MMZ Series MMZ2012 Type
Size: JIS/IEC 2012, EIA 0805
MMZ2012Y102B
1600 1400
Z R Impedance()
800 700 600 500 400 300 200
X X
600 500 400 300 200 100 0 1 10
Z R
1200 1000 800 600 400 200
Z R
X
100 10000 0 1 10 100 1000 Frequency (MHz) 10000
100 1000 Frequency (MHz)
0
1
10
100 1000 Frequency (MHz)
10000
MMZ2012Y152B
1600 1400
Impedance()
MMZ2012Y202B
2600 2400 2200 2000 1800 1600 1400 1200 1000 800 600 400 200 0
MMZ2012D800B
1000 900 800 700 600 500 400 300 200 100 0 1 10
Impedance()
1000 800 600 400 200 0 1 10
R
Z R
Impedance()
1200
Z
Z
R
X
X
X
100 1000 Frequency (MHz)
10000
1
10
100 1000 Frequency (MHz)
10000
100 1000 Frequency (MHz)
10000
MMZ2012D121B
1600 1400
Impedance()
MMZ2012D301B
4000 3500
Impedance()
1200 1000 800 600 400 200 0 1 10
X Z R
3000 2500 2000 1500 1000 500
Z
R
X
100 1000 Frequency (MHz)
10000
0
1
10
100 1000 Frequency (MHz)
10000
* All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of MMZ2012XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X